|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
10-W Stereo Class-D Audio Power Amplifier DESCRIPTION The EUA2101A is a high efficiency, 2 channel bridged-tied load (BTL), class-D audio power amplifier. Operating from a 12V power supply, EUA2101A is capable of delivering 10W/ channel of continuous output power to a 8 load with 10% THD+N. The EUA2101A features a differential input architecture offering improved noise immunity over a single-ended (SE) input amplifier. Amplifier gain is internally configured and can be selected to 20, 26, 32 or 36dB utilizing the Go and G1 gain select pins. The EUA2101A also features short-circuit and thermal protection preventing the device from being damaged during a fault condition. The EUA2101A is available in thermally efficient 48-pin TQFP package. EUA2101A FEATURES Wide Supply Voltage: 8V to 15V Unique Modulation Scheme Reduces EMI Emission 10-W/ch into an 8- Load From a 12-V Supply 15-W/ch into an 4- Load From a 12-V Supply 90% Efficient Class-D Operation Eliminates Need for Heat Sinks Four Selectable, Gain Settings Differential Inputs Thermal and Short-Circuit Protection Clock Output for Synchronization With Multiple Class-D Devices 7mm x 7mm, 48-pin TQFP Package RoHS compliant and 100% lead(Pb)-free APPLICATIONS Televisions Typical Application Circuit Figure1. DS2101A Ver 1.0 Mar. 2009 1 |
Price & Availability of EUA2101A |